PART |
Description |
Maker |
6PS0200R12KE3-3GH |
3x 172A AC at 400V AC, forced air (fan not implemented)
|
Infineon Technologies AG
|
6PS0400R12KE3-3G |
3x 210A AC at 400V AC, forced air (fan not implemented)
|
eupec GmbH
|
RU4Z |
Fast-Recovery Rectifier Diodes(- 400V) 快速恢复整流二极管- 400V
|
Electronics Industry Public Company Limited
|
FQU5N40 FQD5N40 FQD5N40TF FQD5N40TM |
400V N-Channel QFET 400V N-Channel MOSFET 400V N-Channel MOSFET(漏源电压00V、漏电流.4A的N沟道增强型MOS场效应管) 3.4 A, 400 V, 1.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SMH480209 |
Programmable -48V Hot-Swap Controller with Forced Shut Down
|
Summit Microelectronics, Inc.
|
DMX-500 DMX-503-0512 DMX-504-1205 DMX-504-1212 DMX |
500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
|
SL Power Electronics
|
NSYCVF560M230PF |
ClimaSys forced vent. IP54, 560m3/h, 230V,with outlet grille and filter G2
|
List of Unclassifed Man...
|
2SC3039 C3039 2SC3039M 2SC3039N |
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 7A I(C) | TO-220AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits POWER TRANSISTORS(7.0A/400V/50W) POWER TRANSISTORS(7.0A,400V,50W) POWER TRANSISTORS(7.0A400V50W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
604B 1002A 1502A 602BI 1502BI |
TRIAC|400V V(DRM)|6A I(T)RMS|TO-218VAR TRIAC|400V V(DRM)|15A I(T)RMS|TO-218VAR SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating TRIAC|400V V(DRM)|10A I(T)RMS|TO-218VAR 可控硅| 400V五(DRM)的| 10A条口(T)的有效值|18VAR
|
Rochester Electronics, LLC
|
1N4338A 1N4433A 1N4353 |
Diode Switching 400V 1A 2-Pin DO-41 Diode Rectifier Bridge Single 400V 10A
|
New Jersey Semiconductors
|